Part Number Hot Search : 
RBU804M LTC1595 SM8213 PN6543 4AM04MH5 SIL05E S1NB80 LF717RW
Product Description
Full Text Search
 

To Download 0192110006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: Drawing (PDF)
0192110006 Active
wire_pins KrimptiteTM Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier image - Reference only RoHS Certificate of Compliance (PDF) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Series
Agency Certification
CSA UL LR18689 E32244
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name Crimp Terminals 19211 Pin Length 9.65mm (.380") Yes wire_pins Wire Pin
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Copper Tin Tin Adhesive Tape on Reel 30 0.75 30 0.75 Crimp or Compression 2.26mm (.089") max. 14, 16 16 TO 14
Search Parts in this Series 19211Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638853900 Applicator, Air Feed Mylar Tape ATP Perishable 0190270068 Tool Kit used in ATP presses that process product on tape
Material Info
Old Part Number WP-1614T
Reference - Drawing Numbers
Sales Drawing SD-19211-002
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0192110006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X